PART |
Description |
Maker |
AGLN125V2-CSG81 AGLN125V2-CSG81I AGLN010V2-UCG36 |
FPGA, 3072 CLBS, 125000 GATES, PBGA81 FPGA, 260 CLBS, 10000 GATES, PBGA36
|
|
XC5215-6HQ240C XC5215-6HQ208C XC5200-4PC84C XC5206 |
TV 6C 6#12 SKT RECP TV 6C 6#220 PIN RECP FPGA, 120 CLBS, 4000 GATES, 83 MHz, CPGA156 CTV 6C 6#22D PIN RECP 现场可编程门阵列 Field Programmable Gate Arrays 现场可编程门阵列 Field Programmable Gate Arrays FPGA, 64 CLBS, 2000 GATES, 10 MHz, PQFP64 ARTESYN PART 现场可编程门阵列 Field Programmable Gate Arrays FPGA, 120 CLBS, 4000 GATES, 83 MHz, PQFP100 Field Programmable Gate Arrays FPGA, 484 CLBS, 15000 GATES, 83 MHz, PQFP208 ECONOLINE: RZ - 1kVDC Isolation- SMD Package Styles- 5V, 12V and 15V Output- UL94V-0 Package Material- No Heatsink Required- No Extern. Components- Toroidal Magnetics- Efficiency to 62% FPGA, 324 CLBS, 10000 GATES, 83 MHz, PQFP208 Field Programmable Gate Arrays FPGA, 484 CLBS, 15000 GATES, 83 MHz, PQFP160 Field Programmable Gate Arrays FPGA, 324 CLBS, 10000 GATES, 83 MHz, CPGA223 Low-cost, register/latch rich, SRAM based
|
Xilinx, Inc. XILINX INC
|
OR2T40A-5APS208 OR2C15A-2AS304 OR2C40A-2APS208 OR2 |
FPGA, 900 CLBS, 43200 GATES, 104.2 MHz, PQFP208 FPGA, 400 CLBS, 19200 GATES, 51 MHz, PQFP304 FPGA, 900 CLBS, 43200 GATES, 51 MHz, PQFP208 FPGA, 576 CLBS, 27600 GATES, 144.9 MHz, PQFP240 FPGA, 400 CLBS, 19200 GATES, 66.7 MHz, PQFP208 FPGA, 400 CLBS, 19200 GATES, 66.7 MHz, PBGA256 FPGA, 400 CLBS, 19200 GATES, 66.7 MHz, PBGA432 FPGA, 400 CLBS, 19200 GATES, 87 MHz, PQFP240 FPGA, 256 CLBS, 12300 GATES, 129.9 MHz, PQFP240 FPGA, 100 CLBS, 4800 GATES, 104.2 MHz, PQFP208
|
Electronic Theatre Controls, Inc.
|
AGL030V5-FVQG100 AGL060V2-FFG144 AGL015V5-FQN68 |
FPGA, 768 CLBS, 30000 GATES, 108 MHz, PQFP100 FPGA, 1536 CLBS, 60000 GATES, 108 MHz, PBGA144 FPGA, 384 CLBS, 15000 GATES, QCC68
|
|
LZ931000 LZ9813000 LZ9811000 LZ9G1900 LZ95300 LZ95 |
FPGA, 1010 GATES FPGA, 13000 GATES FPGA, 11000 GATES FPGA, 1900 GATES FPGA, 315 GATES FPGA, 1680 GATES FPGA, 6075 GATES FPGA, 5000 GATES FPGA, 8370 GATES FPGA, 650 GATES
|
SHARP ELECTRONICS CORP
|
A3P060-1CSG121I A3P060-1CS121 A3P1000-1PQ208 A3P10 |
FPGA, 1536 CLBS, 60000 GATES, PBGA121 6 X 6 MM, 0.99 MM HEIGHT, 0.50 MM PITCH, GREEN, CSP-121 FPGA, 1536 CLBS, 60000 GATES, PBGA121 6 X 6 MM, 0.99 MM HEIGHT, 0.50 MM PITCH, CSP-121 FPGA, 24576 CLBS, 1000000 GATES, 350 MHz, PQFP208 28 X 28 MM, 3.40 MM HEIGHT, 0.50 MM PITCH, PLASTIC, QFP-208 FPGA, 3072 CLBS, 125000 GATES, 350 MHz, PQFP144 20 X 20 MM, 1.40 MM HEIGHT, 0.50 MM PITCH, TQFP-144 FPGA, 3072 CLBS, 125000 GATES, 350 MHz, PQFP100 14 X 14 MM, 1 MM HEIGHT, 0.50 MM PITCH, VQFP-100
|
Duracell
|
RTAX1000SL-1CQ352EV RTAX2000S-1LG1152EV |
FPGA, 12096 CLBS, 1000000 GATES, CQFP352 FPGA, 21504 CLBS, 2000000 GATES, CBGA1152
|
|
OR3C804BA352I-DB OR3T206S208-DB |
FPGA, 484 CLBS, 116000 GATES, PBGA352 PLASTIC, BGA-352 FPGA, 144 CLBS, 36000 GATES, PQFP208 PLASTIC, SQFP-208
|
Lattice Semiconductor, Corp.
|
XA3S1200E XA3S500E XA3S250E XA3S1600E DS635 XA3S10 |
XA Spartan-3E Automotive FPGA Family Data Sheet FPGA, 1164 CLBS, 500000 GATES, 572 MHz, PQFP100 FPGA, 2168 CLBS, 1200000 GATES, 572 MHz, PBGA256 Proven advanced 90-nanometer process technology
|
Xilinx, Inc XILINX INC
|
XC4000E XC4002XL XC4003E XC4005E XC4005XL XC4006E |
Logic Cell Array Family Shielded Multiconductor Cable; Number of Conductors:15; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:8; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No; Conductor Material:Copper; Jacket Color:Chrome RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:25; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No; Conductor Material:Copper; Jacket Color:Chrome RoHS Compliant: Yes MB 41C 27#20 14#16 PIN PLUG Multiconductor Cable; Number of Conductors:10; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No; Conductor Material:Copper; Jacket Color:Chrome RoHS Compliant: Yes FAN 220AC BISCUIT BT3A1 W/O FG RES, POT 2K 10% .5W 25T CE T.A Solid-State Panel Mount Relay; Output Device:SCR; Output Voltage Max:280Vrms; Output Voltage Min:24Vrms; Control Voltage Max:32VDC; Control Voltage Min:3VDC; Load Current Max:90A; Switching:Zero Cross; Load Current Min:0.04A RES POT 5K00 PT 25T TA CE 3/8 XC4000E and XC4000X Series Field Programmable Gate Arrays XC4000E和XC4000X系列现场可编程门阵列 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 1024 CLBS, 18000 GATES, 166 MHz, PQFP240 High Insulation Power Relay (Sealed 1 Form C 1-Coil Latch) FPGA, 324 CLBS, 6000 GATES, 111 MHz, PQFP208 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 217 MHz, PQFP176 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 111 MHz, PQFP240 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 13000 CLBS, 13000 GATES, 179 MHz, PQFP144 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 400 CLBS, 7000 GATES, 217 MHz, PQFP144 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 400 CLBS, 7000 GATES, 217 MHz, PQFP208 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 179 MHz, PQFP208 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 200 MHz, PQFP208 Labels; External Height:0.5"; External Width:0.5"; Label Material:Nylon-Cloth FPGA, 576 CLBS, 10000 GATES, 200 MHz, PQFP160 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 238 MHz, PBGA256 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 1024 CLBS, 18000 GATES, 217 MHz, PBGA256 RESISTOR-VARIABLE,LINEAR 50K,20 TURN,3/8 XC4000E和XC4000X系列现场可编程门阵列 RESISTOR-VARIABLE,LINEAR 20K,20 TURN XC4000E和XC4000X系列现场可编程门阵列 RESISTOR-VARIABLE,LINEAR 100K,20 TURN FPGA, 576 CLBS, 10000 GATES, 217 MHz, PBGA256 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 217 MHz, PQFP240 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 179 MHz, PQFP240 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 64 CLBS, 1000 GATES, 217 MHz, PQFP100 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 13000 CLBS, 13000 GATES, 166 MHz, PQFP160 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 64 CLBS, 1000 GATES, 179 MHz, PQCC84 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 1024 CLBS, 18000 GATES, 166 MHz, PQFP160 XC4000E and XC4000X Series Field Programmable Gate Arrays XC4000EXC4000X系列现场可编程门阵列 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 13000 CLBS, 13000 GATES, 179 MHz, PQFP208 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 13000 CLBS, 13000 GATES, 200 MHz, PQFP208 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 400 CLBS, 7000 GATES, 200 MHz, PQFP100 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 400 CLBS, 7000 GATES, 200 MHz, PQFP208 XC4000E and XC4000X Series Field Programmable Gate Arrays FPGA, 400 CLBS, 7000 GATES, 179 MHz, PQFP160 SureGrip Hook Test Clips; For Use With:Fluke TL222 and TL224 Test Leads; Color:One Red, One Black RoHS Compliant: NA
|
Xilinx, Inc. TE Connectivity, Ltd. XILINX INC
|
XCV100-4HQ240C XCV100-4HQG240C XILINXINC-XCV600-4P |
FPGA, 600 CLBS, 108904 GATES, 250 MHz, PQFP240 FPGA, 1176 CLBS, 236666 GATES, 333 MHz, PQFP240
|
XILINX INC
|
|